PART |
Description |
Maker |
FDB6670S FDP6670S FDB6670SNL |
30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench SyncFET TM 30V N-Channel PowerTrench? SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ From old datasheet system 30V N-Channel PowerTrench SyncFET 62 A, 30 V, 0.0085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
STS3DNF30L 6336 |
N-Channel 30V-0.055Ω-3.5A-SO-8 PowerMESH MOSFET(N沟道MOSFET) N沟道30V的,0.055Ω- 3.5A SO - 8封装PowerMESH MOSFET的(不适用沟道MOSFET的) N - CHANNEL 30V - 0.055 - 3.5A - SO-8 PowerMESH TM MOSFET From old datasheet system N - CHANNEL 30V - 0.055ohm - 3.5A - SO-8 PowerMESH MOSFET
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
FDB8160 FDB8160-F085 FDB8160F085 |
30V N-Channel PowerTrenchMOSFET N-Channel PowerTrench? MOSFET 30V, 80A, 1.8mΩ
|
Fairchild Semiconductor
|
HP4936DY FN4469 HP4936DYT |
5.8A, 30V, 0.037 Ohm, Dual N-Channel,Logic Level Power MOSFET(5.8A, 30V, 0.037 Ω,双N沟道,逻辑电平功率MOS场效应管) 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | MATCHED PAIR | N-CHANNEL | 30V V(BR)DSS | 5.8A I(D) | SO 5.8 A, 30 V, 0.037 ohm, 2 CHANNEL, N-CHANNEL, Si, POWER, MOSFET 5.8A/ 30V/ 0.037 Ohm/ Dual N-Channel/ Logic Level Power MOSFET 5.8A, 30V, 0.037 Ohm, Dual N-Channel, Logic Level Power MOSFET From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL9N303AS3ST ISL9N303AS3 ISL9N303AP3 N303AS N303A |
N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2mз 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB RECTIFIER SCHOTTKY DUAL COMMON-CATHODE 30A 40V 250A-Ifsm 0.55Vf 1A-IR D2PAK 800/REEL-13 75 A, 30 V, 0.005 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Logic Level UltraFET Trench MOSFETs 30V / 75A / 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V 75A 3.2m N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 3.2m?/a>
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
S8C5H30L STS8C5H30L STS8C5H30L_07 STS8C5H30L07 |
N-channel 30V - 0.018 ohm - 8A/P-channel 30V - 0.045 ohm - 5A - SO-8 Low gate charge STripFET III MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
FDMS9620S |
Dual N-Channel PowerTrenchMOSFET Q1: 30V, 16A, 21.5mQ2: 30V, 18A, 13m
|
Fairchild Semiconductor Corporation
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
STP100NF03L-03 STB100NF03L-03 STB100NF03L-03-01 ST |
N-CHANNEL 30V - 0.0026 W -100A D??AK/I??AK/TO-220 STripFET??II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 OHM -100A D2PAK/I2PAK/TO-220 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFET⑩ II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A DPAK/IPAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D2PAK/I2PAK/TO-220 STripFET II POWER MOSFET N-CHANNEL 30V - 0.0026 W -100A D?PAK/I?PAK/TO-220 STripFETII POWER MOSFET N沟道30V 0.0026欧姆- 100号A D2PAK/I2PAK/TO-220 STRIPFET二功率MOSFET N沟道30V 0.0026的W - 100号A?巴基斯我?PAK/TO-220 STripFET⑩二功率MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
FDD6030L_03 FDD6030L FDD6030L03 FDD6030LNL |
30V N-Channel Logic PowerTrench MOSFET 50 A, 30 V, 0.0145 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|